PART |
Description |
Maker |
NCV8502D100R2 NCV8502PDW100R2 NCV8502DADJ NCV8502P |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG 1.242 V-1.318 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|
NCV4279D1R2G NCV4279D2R2 NCV4279D2R2G NCV4279_05 N |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ONSEMI[ON Semiconductor]
|
NCV4279CD250R2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
|
ON Semiconductor
|
NCV4279CD1R2 |
5.0 V micropower 150 mA LDO linear regulator with DELAY, adjuistable RESET and monitor FLAG.
|
ON Semiconductor
|
NCV8502-D |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor Flag From old datasheet system
|
ON Semiconductor
|
MIC5307-2.8YD5 MIC5307-3.0YD5 MIC5307-1.5YD5 MIC53 |
300mA Micropower 渭Cap Baseband LDO 300mA Micropower μCap Baseband LDO 300mA Micropower uCap Baseband LDO 2.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 300mA Micropower uCap Baseband LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc.
|
NCV4279A50D1G NCV4279A50D2G NCV4279A50D2R2G NCV427 |
Micropower 150 mA LDO Linear Regulator
|
ON Semiconductor
|
CM3019-33ST CM3019 CM3019-00 CM3019-00MA CM3019-00 |
Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mA的LDO稳压器的CMOS Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mALDO稳压器的CMOS Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No Micropower, 500mA Low Noise LDO CMOS Regulator
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
NCV8503PWADJ NCV8503PWADJR2 NCV8503 NCV8503PW25 NC |
Micropower 400mA LDO Linear Regulators with ENABLE, DELAY, Adjustable /RESET, and General Use Comparator From old datasheet system Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 3.3 V FIXED POSITIVE LDO REGULATOR, PDSO16
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|
MIC5306-2.8YD5 MIC5306 MIC5306-1.5YD5 |
150mA Micropower Cap Baseband LDO 1.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 From old datasheet system
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
NCV8503PWADJG NCV8503PWADJR2G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
可调正电压单路输出LDO稳压 ON Semiconductor
|
TC1265_06 TC1265-1.8VAT TC1265-1.8VET TC1265-1.8VE |
1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PDSO8 0.150 INCH, PLASTIC, MS-012, SOIC-8 800 mA Fixed-Output CMOS LDO with Shutdown
|
NEC, Corp. MICROCHIP[Microchip Technology]
|